| Zakładka z wyszukiwarką danych komponentów |
|
A19360LUBATN-RPE4 Arkusz danych(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19360LUBATN-RPE4 Arkusz danych(HTML) 10 Page - Allegro MicroSystems |
|
10 / 18 page ![]() High-Resolution GMR Wheel Speed and Distance Sensor IC A19360 10 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Figure 11: Target Orientation Relative to Device N N N N N S S S S S N N N N N S S S S S (A) Forward Rotation (-F variant) (B) Reverse Rotation (-F variant) Branded Face of Sensor Branded Face of Sensor Pin 1 Pin 2 Pin 1 Pin 2 Rotating Target Rotating Target The -xxx4 variant generates four output words—two primary words and two high-resolution words—for each magnetic pole-pair of the target. This variant outputs four output words for all operating frequencies. Both primary and high-resolution words are generated with a speed pulse current of ICC(HIGH). For further information, refer to Description of AK Protocol. Figure 12: Output Events Variant -xxx8: Low Speed Primary High-Res S N N S S N N S S N N S Variant -xxx8: High Speed Variant -xxx4: All Speeds Primary High-Res Primary High-Res For the -Fxxx variant, when the target is rotating such that a target feature passes from pin 1 to pin 2, this is referred to as forward rotation. For the -Rxxx variant, forward rotation is indicated when a target feature passes from pin 2 to 1. Pulse Width Protocol Forward Rotation For the -Fxxx variant, when the target is rotating such that a target feature passes from pin 2 to pin 1, this is referred to as reverse rotation. For the -Rxxx variant, reverse rotation is indicated when a target feature passes from pin 1 to 2. Reverse Rotation When a target passes in front of the device (opposite the branded face of the package), the A19360 generates output words that are triggered by BDIFF transitions through equidistant switch points. On a switch-point crossing, the speed pulse and relevant data are generated and transmitted. The IC is capable of properly detecting input signals up to the defined operating frequency. Speed data are provided by the speed pulse rate, and other data are directly com- municated via the AK bits. The -xxx8 variant generates eight output words—two primary words and six high-resolution words—for each magnetic pole- pair of the target when it is rotating at low speeds below the fL,AK threshold. At higher rotating speeds above the fH,AK threshold, this variant automatically switches to standard resolution and only out- puts two primary words per pole-pair. Primary words are generated with a speed pulse current of ICC(HIGH) while high-resolution words are generated with a speed pulse current of ICC(MID). AK Protocol When a target passes in front of the device (opposite the branded face of the package), the A19360 generates output pulses that are triggered by BDIFF transitions through equidistant switch points. On a switch-point crossing, the corresponding direction pulse is generated and transmitted. Speed data are provided by the speed pulse rate, and the direction of the target rotation data is provided by the pulse width. The -xxx8 variant generates eight output pulses—two primary pulses and six high-resolution pulses—for each magnetic pole-pair of the target when it is rotating at low speed below the fL,PW thresh- old. At higher rotating speed above the fH,PW threshold, this variant automatically switches to standard resolution and only outputs two primary pulses per pole-pair. Primary pulses are generated with a pulse current of ICC(HIGH) while high-resolution pulses are gener- ated with a pulse current of ICC(MID). The -xxx4 variant generates four output pulses—two primary pulses and two high-resolution pulses—for each magnetic pole-pair of the target. This variant outputs four output pulses for all operating frequencies. Both primary and high-resolution pulses are generated with a speed pulse current of ICC(MID). |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |