Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US2DA Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części US2DA
Szczegółowy opis  Super Fast Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

US2DA Arkusz danych(HTML) 2 Page - ON Semiconductor

  US2DA Datasheet HTML 1Page - ON Semiconductor US2DA Datasheet HTML 2Page - ON Semiconductor US2DA Datasheet HTML 3Page - ON Semiconductor US2DA Datasheet HTML 4Page - ON Semiconductor US2DA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US2AA−US2MA
www.onsemi.com
2
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Unit
US2
AA
US2
BA
US2
DA
US2
FA
US2
GA
US2
JA
US2
KA
US2
MA
VRRM
Repetitive Peak Reverse Voltage
50
100
200
300
400
600
800
1000
V
VRMS
RMS Reverse Voltage
35
70
140
210
280
420
560
700
V
VDC
DC Blocking Voltage
50
100
200
300
400
600
800
1000
V
IF(AV)
Average Forward Rectified Current
1.5
A
IFSM
Peak Forward Surge Current,
8.3 ms Single Half−Sine Wave,
Superimposed on Rated Load
50
A
TJ
Operating Junction Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. THERMAL CHARACTERISTICS (NOTE 1) (Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
RqJA
Typical Thermal Resistance, Junction−to−Ambient
189
°C/W
YJL
Typical Thermal Characteristics, Junction−to−Lead (with Reference to Cathode Pin)
31
°C/W
2. Device mounted at minimum pad.
Table 4. ELECTRICAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
US2
AA
US2
BA
US2
DA
US2
FA
US2
GA
US2
JA
US2
KA
US2
MA
VF
Maximum Instantaneous Forward Voltage (Note2)
at Rated IF(AV)
1.0
1.3
1.7
V
IR
Maximum Re-
verse Current
at Rated VR
TJ = 25°C
5
mA
TJ = 125°C
100
trr
Maximum Reverse Recovery Time (Note 3)
50
75
ns
CJ
Typical Junction Capacitance (Note 4)
50
30
pF
3. Pulse test with PW = 300 ms, 1% duty cycle
4. Reverse recovery test conditions: IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
5. Measured at 1 Mhz and applied reverse voltage of 4.0 V D.C.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com