Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C419 Arkusz danych(PDF) 26 Page - Coilcraft lnc.

Numer części C419
Szczegółowy opis  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COILCRAFT [Coilcraft lnc.]
Strona internetowa  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C419 Arkusz danych(HTML) 26 Page - Coilcraft lnc.

Back Button C419 Datasheet HTML 22Page - Coilcraft lnc. C419 Datasheet HTML 23Page - Coilcraft lnc. C419 Datasheet HTML 24Page - Coilcraft lnc. C419 Datasheet HTML 25Page - Coilcraft lnc. C419 Datasheet HTML 26Page - Coilcraft lnc. C419 Datasheet HTML 27Page - Coilcraft lnc. C419 Datasheet HTML 28Page - Coilcraft lnc. C419 Datasheet HTML 29Page - Coilcraft lnc. C419 Datasheet HTML 30Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
XAL7020 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL7020-151MEC
0.15
1.9
2.5
161
46.0
18
24
XAL7020-271MEC
0.27
2.9
3.8
112
30.0
15
21
XAL7020-331MEC
0.33
4.0
5.2
88
28.0
14
20
XAL7020-471MEC
0.47
5.3
6.4
72
24.3
12
17
XAL7020-681MEC
0.68
7.9
9.5
54
22.3
10
13
XAL7020-102MEC
1.0
9.8
10.8
46
16.4
8.0
11
XAL7020-122MEC
1.2
11.5
12.8
42
14.5
7.0
10
XAL7020-152MEC
1.5
17.6
19.3
37
15.0
6.0
9.0
XAL7020-222MEC
2.2
28.7
31.6
29
13.6
5.0
7.0
XAL6030/6060 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL6030-181MEC
0.18
1.59
1.75
141
39.0
24
32
XAL6030-331MEC
0.33
2.30
2.53
89
30.0
20
25
XAL6030-561MEC
0.56
3.01
3.31
61
29.0
17
22
XAL6030-102MEC
1.0
5.62
6.18
50
23.0
13
18
XAL6030-122MEC
1.2
6.82
7.50
43
22.0
12
16
XAL6030-182MEC
1.8
9.57
10.52
34
18.2
10
14
XAL6030-222MEC
2.2
12.70
13.97
30
15.9
7.0
10
XAL6030-332MEC
3.3
19.92
20.81
26
12.2
6.0
8.0
XAL6060-472MEC
4.7
13.10
14.40
21
10.5
8.0
11
XAL6060-562MEC
5.6
14.46
15.90
20
9.9
7.5
10
XAL6060-682MEC
6.8
18.90
20.80
18
9.2
7.0
9.0
XAL6060-822MEC
8.2
24.00
26.40
16
8.4
6.0
8.0
XAL6060-103MEC
10
27.00
29.82
14
7.6
5.0
7.0
XAL6060-153MEC
15
39.77
43.75
11
5.8
4.5
6.0
XAL6060-223MEC
22
55.12
60.63
9
5.6
3.6
5.0
XAL6060-333MEC
33
95.68
105.0
7
3.7
2.7
3.6
XAL6020 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL6020-121MEC
0.12
1.60
1.85
165
45
21.0
27.0
XAL6020-161MEC
0.16
2.35
2.70
152
41
20.0
26.0
XAL6020-271MEC
0.27
3.45
3.85
97
29.5
19.0
25.0
XAL6020-451MEC
0.45
4.60
5.05
73
24.5
17.0
22.0
XAL6020-601MEC
0.60
6.45
7.10
66
20.5
15.0
18.5
XAL6020-901MEC
0.90
10.63
11.10
56
19.1
11.5
15.2
XAL6020-112MEC
1.1
12.60
13.10
50
17.1
10.0
12.0
XAL5030/5050 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL5030-161MEC
0.16
2.15
2.36
183
31.0
14.2
22.2
XAL5030-331MEC
0.33
3.20
3.52
108
26.0
13.8
19.2
XAL5030-601MEC
0.60
4.11
4.52
75
19.8
13.6
17.7
XAL5030-801MEC
0.80
5.14
5.65
63
18.5
10.0
13.0
XAL5030-102MEC
1.0
8.50
9.40
68
14.0
8.7
11.1
XAL5030-122MEC
1.2
11.40
12.40
45
12.5
7.9
10.4
XAL5030-222MEC
2.2
13.20
14.50
38
9.2
7.2
9.7
XAL5030-332MEC
3.3
21.20
23.30
28
8.7
5.9
8.1
XAL5030-472MEC
4.7
36.00
40.00
23
6.7
4.3
5.9
XAL5050-562MEC
5.6
23.45
25.80
25
6.3
5.3
7.2
XAL5050-682MEC
6.8
26.75
29.45
21
6.0
4.7
6.4
XAL5050-822MEC
8.2
31.75
34.95
18
5.6
4.5
6.1
XAL5050-103MEC
10
40.90
45.00
15
4.9
3.6
4.9
XAL5050-153MEC
15
69.70
76.70
13
3.7
2.9
3.9
XAL5050-223MEC
22
90.60
99.65
11
3.6
2.5
3.4
XAR7030 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
typ
max
(MHz)
30%drop
rise
rise
XAR7030-161MEC
0.16
1.26
1.40
158
60.0
13.5
18.6
XAR7030-301MEC
0.30
1.75
1.92
101
41.0
13.5
18.6
XAR7030-501MEC
0.50
3.00
3.30
72
36.0
13.5
17.5
XAR7030-102MEC
1.0
4.55
5.00
49
28.0
10.0
14.0
XAR7030-132MEC
1.3
7.60
8.36
51
23.5
8.0
11.0
XAR7030-222MEC
2.2
13.70
15.07
40
18.0
6.2
8.7
XAR7030-272MEC
2.7
15.70
17.30
29
12.8
4.9
7.1
XAR7030-332MEC
3.3
19.50
21.45
29
12.3
4.8
6.5
XAR7030-472MEC
4.7
26.10
30.00
21
10.1
4.0
5.7
XAR7030-562MEC
5.6
28.10
32.32
17
9.8
4.0
5.7
XAR7030-682MEC
6.8
45.00
51.57
15
8.7
3.0
4.1
XAR7030-822MEC
8.2
53.00
60.95
15
8.4
2.9
4.0
XAR7030-103MEC
10
60.40
69.46
12
7.7
2.1
4.0
XAL7030 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL7030-161MEC
0.16
1.15
1.26
158
60.0
24.9
32.5
XAL7030-301MEC
0.30
1.75
1.92
101
41.0
21.0
27.6
XAL7030-601MEC
0.60
3.00
3.30
72
36.0
18.0
23.0
XAL7030-102MEC
1.0
4.55
5.00
52
28.0
16.1
21.8
XAL7030-152MEC
1.5
7.60
8.36
39
23.5
11.9
15.0
XAL7030-222MEC
2.2
13.7
15.07
29
18.0
10.0
12.9
XAL7030-272MEC
2.7
15.7
17.30
32
12.8
9.2
11.4
XAL7030-332MEC
3.3
19.5
21.45
25
12.3
8.0
10.0
XAL7030-472MEC
4.7
26.1
30.00
21
10.1
6.9
9.0
XAL7030-562MEC
5.6
28.1
32.32
17
9.8
5.3
7.3
XAL7030-682MEC
6.8
45.0
51.75
15
8.7
4.4
6.8
XAL7030-822MEC
8.2
53.0
60.94
13
8.4
2.9
5.9
XAL7030-103MEC
10
60.4
69.46
12
7.7
2.6
5.3
XAL5020 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL5020-161MEC
0.16
4.11
5.00
205
24.2
13.9
18.8
XAL5020-331MEC
0.33
6.40
7.68
110
17.1
10.5
14.4
XAL5020-561MEC
0.56
8.30
9.54
80
14.1
9.9
13.9
XAL5020-801MEC
0.80
10.3
11.8
64
12.0
9.4
13.0
XAL5020-122MEC
1.2
17.8
20.5
50
9.5
6.8
9.4
XAL7050 High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL7050-103MEC
10
25
29
12.1
7.1
6.3
8.5
XAL7050-153MEC
15
35
41
10.3
6.4
5.1
7.0
XAL7050-183MEC
18
43
50
9.3
6.2
4.5
6.2
XAL7050-223MEC
22
60
70
8.6
5.5
4.0
5.0
XAL7050-333MEC
33
75
85
6.7
4.1
3.4
4.6
XAL7050-473MEC
47
105
120
6.0
3.5
2.5
3.5
XAL40xx High Current
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp
I
sat(A)
20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
30%drop
rise
rise
XAL4020-221MEC
0.22
5.81
6.40
191
18.7
12.0
16.8
XAL4020-401MEC
0.40
7.55
8.30
145
12.5
10.0
14.0
XAL4020-601MEC
0.60
9.50
10.45
106
10.4
7.9
11.7
XAL4020-102MEC
1.0
13.25
14.60
79
8.7
6.7
9.6
XAL4020-122MEC
1.2
17.75
19.50
69
7.9
6.6
9.0
XAL4020-152MEC
1.5
21.45
23.60
64
7.1
5.2
7.5
XAL4020-222MEC
2.2
35.20
38.70
52
5.6
4.0
5.5
XAL4030-332MEC
3.3
26.0
28.6
43
5.9
5.0
6.6
XAL4030-472MEC
4.7
40.1
44.1
36
4.6
3.9
5.1
XAL4030-682MEC
6.8
67.4
74.1
29
3.6
3.0
3.9
XAL4040-822MEC
8.2
60.8
66.9
27
4.0
2.4
3.4
XAL4040-103MEC
10
84.0
92.4
24
3.0
2.2
3.1
XAL4040-153MEC
15
109
120
20
2.9
2.0
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60