Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1B Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części ES1B
Szczegółowy opis  Infrared Thermosensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1B Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  ES1B Datasheet HTML 1Page - Omron Electronics LLC ES1B Datasheet HTML 2Page - Omron Electronics LLC ES1B Datasheet HTML 3Page - Omron Electronics LLC ES1B Datasheet HTML 4Page - Omron Electronics LLC ES1B Datasheet HTML 5Page - Omron Electronics LLC ES1B Datasheet HTML 6Page - Omron Electronics LLC ES1B Datasheet HTML 7Page - Omron Electronics LLC ES1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Infrared Thermosensor
ES1B
5
Example for the E5CN
In this example, the ES1B is used between 140 and 260
°C. Here, the
set point lower limit, YL, would be 0
°C and the set point upper limit,
YH, would be 260
°C in formulas 1 and 2 . The temperatures of the
sensing object are checked next.
The offset values can be calculated as shown below when the
Controller display Y1 is 40
°C for a room temperature X1 of 25°C and
when the Controller display Y2 is 105
°C for a set point temperature
X2 of 110
°C
Upper-limit Temperature Input Setting
Lower-limit Temperature Input Setting
insl=
0
-40
´{(110-105)-(25-40)}+(25-40)
105
-40
=
-27.3 (°C)
insh=
260
-40
´{(110-105)-(25-40)}+(25-40)
105
-40
= 52.7 (
°C)
insl
-27
C
insh
53
C
Lower-limit
temperature input
Upper-limit
temperature input



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com