| Zakładka z wyszukiwarką danych komponentów |
|
S310 Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
S310 Arkusz danych(HTML) 1 Page - ON Semiconductor |
|
1 / 5 page ![]() DATA SHEET www.onsemi.com © Semiconductor Components Industries, LLC, 1999 August, 2021 − Rev. 5 1 Publication Order Number: SS39/D Schottky Rectifier SS32 - S310 Description The SS32−S310 series includes a high−efficiency, low power loss, general−propose Schottky rectifiers. The clipbonded leg structure provides high thermal performance and low electrical resistance. These rectifiers are suited for free wheeling, secondary rectification, and reverse polarity protection applications. Features • Metal to Silicon Rectifiers, Majority Carrier Conduction • Low−Forward Voltage Drop • Easy Pick and Place • High−Surge Current Capability • This Device is Pb−Free and Halide Free MARKING DIAGRAM SMC CASE 403AG $Y = Logo &Z = Assembly Plant Code &3 = Date Code Sxyz = Specific Device Code x = S or 3 y = 1 or 3 z = 0 or 2−9 $Y&Z&3 Sxyz G Device Package Shipping† ORDERING INFORMATION SS32 SS33 SS34 SS35 SS36 SS38 SS39 S310 SMC (Pb−Free, Halide−Free) 3000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. 1 Cathode 2 Anode |
Podobny numer części - S310 |
|
Podobny opis - S310 |