Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7056B Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA7056B
Szczegółowy opis  5 W mono BTL audio amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7056B Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA7056B Datasheet HTML 1Page - NXP Semiconductors TDA7056B Datasheet HTML 2Page - NXP Semiconductors TDA7056B Datasheet HTML 3Page - NXP Semiconductors TDA7056B Datasheet HTML 4Page - NXP Semiconductors TDA7056B Datasheet HTML 5Page - NXP Semiconductors TDA7056B Datasheet HTML 6Page - NXP Semiconductors TDA7056B Datasheet HTML 7Page - NXP Semiconductors TDA7056B Datasheet HTML 8Page - NXP Semiconductors TDA7056B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Aug 15
2
Philips Semiconductors
Product specification
5 W mono BTL audio amplifier with DC
volume control
TDA7056B
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and switch-off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7056B is a mono Bridge-Tied Load (BTL) output
amplifier with DC volume control.
It is designed for use in TV and monitors, but is also
suitable for battery-fed portable recorders and radios.
The device is contained in a 9-pin medium power
package.
A Missing Current Limiter (MCL) is built in. The MCL circuit
is activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA
(300 mA typ.). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
18
V
PO
output power
VP =12V
RL =16 Ω
3
3.5
W
RL =8 Ω
5
5.5
W
Gv(max)
maximum total voltage gain
39.5
40.5
41.5
dB
φ
gain control
68
73.5
dB
Iq(tot)
total quiescent current
VP = 12 V; RL = ∞−
9.2
13
mA
THD
total harmonic distortion
PO = 0.5 W
0.3
1
%
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA7056B
SIL9MPF
plastic single in-line medium power package with fin; 9 leads
SOT110-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com