| Zakładka z wyszukiwarką danych komponentów |
|
93C76-/P Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C76-/P Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() 93C76/86 DS21132E-page 2 2004 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) VCC.............................................................................................................................................................................7.0V All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to Vcc + 1.0V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied ................................................................................................-40°C to +125°C Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C ESD protection on all pins .......................................................................................................................................... 4 kV 1.1 AC Test Conditions † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. AC Waveform: VLO = 2.0V VHI = Vcc - 0.2V (Note 1) VHI = 4.0V for (Note 2) Timing Measurement Reference Level Input 0.5 VCC Output 0.5 VCC Note 1: For VCC ≤ 4.0V 2: For VCC > 4.0V |