Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

25C040XT-E/P Arkusz danych(PDF) 12 Page - Microchip Technology

Numer części 25C040XT-E/P
Szczegółowy opis  4K SPI ??Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C040XT-E/P Arkusz danych(HTML) 12 Page - Microchip Technology

Back Button 25C040XT-E/P Datasheet HTML 8Page - Microchip Technology 25C040XT-E/P Datasheet HTML 9Page - Microchip Technology 25C040XT-E/P Datasheet HTML 10Page - Microchip Technology 25C040XT-E/P Datasheet HTML 11Page - Microchip Technology 25C040XT-E/P Datasheet HTML 12Page - Microchip Technology 25C040XT-E/P Datasheet HTML 13Page - Microchip Technology 25C040XT-E/P Datasheet HTML 14Page - Microchip Technology 25C040XT-E/P Datasheet HTML 15Page - Microchip Technology 25C040XT-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
25AA040/25LC040/25C040
DS21204E-page 12
© 2006 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead TSSOP
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
XXXX
YYWW
NNN
25AA040
I/P
1L7
0601
25AA040I/
SN
0601
1L7
5A4X
0601
1L7
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22