| Zakładka z wyszukiwarką danych komponentów |
|
MCP3002-I/ST Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3002-I/ST Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 28 page ![]() MCP3002 DS21294C-page 12 © 2007 Microchip Technology Inc. FIGURE 4-1: Analog Input Model. FIGURE 4-2: Maximum Clock Frequency vs. Input resistance (R S) to maintain less than a 0.1 LSB deviation in INL from nominal conditions. C PIN VA R SS CHx 7pF V T = 0.6V V T = 0.6V I LEAKAGE Sampling Switch SS R S = 1 kΩ C SAMPLE = DAC capacitance V SS V DD = 20 pF ±1 nA Legend VA = signal source R SS = source impedance CHx = input channel pad C PIN = input pin capacitance V T = threshold voltage I LEAKAGE = leakage current at the pin due to various junctions SS = sampling switch R S = sampling switch resistor C SAMPLE = sample/hold capacitance 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 100 1000 10000 Input Resistance (Ohms) VDD = 5V fSAMPLE = 200 ksps VDD = 2.7V fSAMPLE = 75 ksps |