Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B43560 Arkusz danych(PDF) 13 Page - EPCOS

Numer części B43560
Szczegółowy opis  Capacitors with screw terminals
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Arkusz danych(HTML) 13 Page - EPCOS

Back Button B43560 Datasheet HTML 6Page - EPCOS B43560 Datasheet HTML 7Page - EPCOS B43560 Datasheet HTML 8Page - EPCOS B43560 Datasheet HTML 9Page - EPCOS B43560 Datasheet HTML 10Page - EPCOS B43560 Datasheet HTML 11Page - EPCOS B43560 Datasheet HTML 12Page - EPCOS B43560 Datasheet HTML 13Page - EPCOS B43560 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Topic
Safety information
Reference
Chapter "General
technical information"
Soldering,
cleaning agents
Do not allow halogenated hydrocarbons to come
into contact with aluminum electrolytic capacitors.
11.6
"Cleaning agents"
Passive
flammability
Avoid external energy, such as fire or electricity.
8.1
"Passive flammability"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Reference
Chapter "Capacitors
with screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals -
accessories"
B43560, B43580
High reliability
105
°C
Page 13 of 14
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14