| Zakładka z wyszukiwarką danych komponentów |
|
TS615 Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS615 Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 36 page ![]() Intermodulation Distortion Product TS615 17/36 5 Intermodulation Distortion Product The non-ideal output of the amplifier can be described by the following series, due to a non-linearity in the input-output amplitude transfer: where the single-tone input is Vin=Asinωt, and C0 is the DC component, C1(Vin) is the fundamental, Cn is the amplitude of the harmonics of the output signal Vout. A one-frequency (one-tone) input signal contributes to a harmonic distortion. A two-tone input signal contributes to a harmonic distortion and an intermodulation product. This intermodulation product, or rather, the study of the intermodulation distortion of a two-tone input signal is the first step in characterizing the amplifiers capability for driving multi-tone signals. The two-tone input is equal to: giving: In this expression, we can extract distortion terms and intermodulations terms from a single sine wave: second-order intermodulation terms IM2 by the frequencies ( ω1-ω2) and (ω1+ω2) with an amplitude of C2A2 and third-order intermodulation terms IM3 by the frequencies (2 ω1-ω2), (2ω1+ω2), (−ω1+2ω2) and ( ω1+2ω2) with an amplitude of (3/4)C3A3. We can measure the intermodulation product of the driver by using the driver as a mixer via a summing amplifier configuration. In doing this, the non-linearity problem of an external mixing device is avoided. Figure 46. Non-inverting summing amplifier V out C o C 1Vin C 2 Vin 2… C nVin n ++ + = V in A ω 1 t sin B ω 2 t sin + = V out C 0 C 1 A ω 1 t sin B ω 2 t sin + () C 2 A ω 1 t sin B ω 2 t sin + () 2… C n A ω 1 t sin B ω 2 t sin + () n ++ + = Rg1 Rfb1 Vout diff. 11 10 13 +Vcc 100 Ω 50 Ω 49.9 Ω 49.9 Ω 1/2 TS615 -Vcc √2:1 1/2 TS615 Rfb2 Rg2 33 Ω 33 Ω 1k Ω 1k Ω 1k Ω 1k Ω 49.9 Ω 49.9 Ω 49.9 Ω 49.9 Ω 50 Ω 400 Ω 1: √2 50 Ω 400 Ω 1: √2 Vin1 Vin2 _ + _ + North Hills 0315PB North Hills 0315PB North Hills 0315PB Rg1 Rfb1 Vout diff. 11 10 13 +Vcc 100 Ω 50 Ω 49.9 Ω 49.9 Ω 1/2 TS615 -Vcc √2:1 1/2 TS615 Rfb2 Rg2 33 Ω 33 Ω 1k Ω 1k Ω 1k Ω 1k Ω 49.9 Ω 49.9 Ω 49.9 Ω 49.9 Ω 50 Ω 400 Ω 1: √2 50 Ω 400 Ω 1: √2 Vin1 Vin2 _ + _ + North Hills 0315PB North Hills 0315PB North Hills 0315PB |