| Zakładka z wyszukiwarką danych komponentów |
|
TS932ID Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS932ID Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() TS931-TS932-TS934 Absolute Maximum Ratings 2/15 1 Absolute Maximum Ratings Table 1: Key parameters and their absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage 1 1) All voltages values, except differential voltage are with respect to network terminal. 12 V Vid Differential Input Voltage 2 2) Differential voltages are non-inverting input terminal with respect to the inverting input terminal. ±12 V Vin Input Voltage Range 3 3) The magnitude of input and output voltages must never exceed VCC +0.3V. Vdd-0.3 to Vcc+0.3 V Toper Operating Free Air Temperature Range -40 to + 85 °C Tstd Storage Temperature Range -65 to +150 °C Tj Maximum Junction Temperature 150 °C Rthja Thermal Resistance Junction to Ambient 4 SOT23-5 DIP8 DIP14 SO8 SO14 TSSOP8 TSSOP14 4) Short-circuits can cause excessive heating and destructive dissipation. 250 85 66 125 103 120 100 °C/W ESD HBM: Human Body Model5 5) Human body model, 100pF discharged through a 1.5k Ω resistor into pin of device. 2kV MM: Machine Model6 6) Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external series resistor (internal resistor < 5 Ω), into pin to pin of device. 200 V CDM: Charged Device Model 2 kV Latch-up Immunity 200 mA Soldering Temperature (10sec), leaded version 250 °C Table 2: Operating Conditions Symbol Parameter Value Unit VCC Supply Voltage 2.7 to 10 V Vicm Common Mode Input Voltage Range Vdd - 0.2 to VCC - 1.5 V Toper Operating Free Air Temperature Range -40 to + 85 °C |