Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1852AIN Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części TS1852AIN
Szczegółowy opis  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852AIN Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button TS1852AIN Datasheet HTML 11Page - STMicroelectronics TS1852AIN Datasheet HTML 12Page - STMicroelectronics TS1852AIN Datasheet HTML 13Page - STMicroelectronics TS1852AIN Datasheet HTML 14Page - STMicroelectronics TS1852AIN Datasheet HTML 15Page - STMicroelectronics TS1852AIN Datasheet HTML 16Page - STMicroelectronics TS1852AIN Datasheet HTML 17Page - STMicroelectronics TS1852AIN Datasheet HTML 18Page - STMicroelectronics TS1852AIN Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TS1851-TS1852-TS1854
Package information
15/25
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25