| Zakładka z wyszukiwarką danych komponentów |
|
TS7221AIYLT Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS7221AIYLT Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Absolute maximum ratings TS7221 2/11 1 Absolute maximum ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit ESD Human body model (HBM) 2000 V Machine model (MM) 200 VID Differential input voltage (VCC -) -0.3 to (V CC +) +0.3 V VIN Input voltage(1) 1. The magnitude of input voltages must never exceed 0.3V beyond the supply voltage. (VCC -) -0.3 to (V CC +) +0.3 V VOUT Output voltage 12 V VCC Supply voltage 12 V IIN Current at input pins(1) ± 5 mA IOUT Current at output pin ± 30 mA TLead Lead temperature (soldering 10 seconds, Pb-free package) 260 °C Tstg Storage temperature -65 to +150 °C TJ Junction temperature 150 °C PD Power dissipation(2) SOT23-5 2. TJ= 150°C, TAMB = 25 oC with R TH-JA = 250 oC/W for SOT23-5 package. 500 mW Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 10 V Tamb Ambient temperature -40 to +85 °C Vicm Common mode input voltage range (VCC -) -0.3 to (V CC +) +0.3 V |