| Zakładka z wyszukiwarką danych komponentów |
|
L295 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L295 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() L295 2/7 ABSOLUTE MAXIMUM RATINGS CONNECTION DIAGRAM THERMAL DATA ELECTRICAL CHARACTERISTCS (Refer to the application circuit, Vss = 5V, Vs = 36V; Tj = 25°C; L = Low; H = High; unless otherwise specified) Symbol Parameter Value Unit VS Supply voltage 50 V VSS Logic supply voltage 12 V VEN , Vi Enable and input voltage 7 V Vref Reference voltage 7 V Io Peak output current (each channel) - non repetitive (t = 100 µsec) - repetitive (80% on - 20% off; Ton = 10ms) - DC operation 3 2.5 2 A A A Ptot Total power dissipation (at Tcase = 75 ″C25 W Tstg, Tj Storage and junction temperature - 40 to 150 °C Symbol Parameter Value Unit Rth-j-case Thermal resistance junction-case max 3 °C/W Rth-j-amb Thermal resistance junction-ambient max 35 °C/W Symbol Parameter Test Condition Min. Typ. Max. Unit VS Supply Voltage 12 46 V VSS Logic Supply Voltage 4.75 10 V Id Quiescent Drain Current (from VSS) VS = 46V; Vi1 = Vi2 = VEN = L 4 mA Iss Quiescent Drain Current (from VS) VSS = 10V 46 mA Vi1,Vi2 Input Voltage Low High -0.3 2.2 0.8 7 V V 1 2 3 4 5 6 7 9 10 11 8 INPUT 2 LOGIC SUPPLY VOLTAGE VSS OSCILLATOR RC NETWORK GROUND ENABLE INPUT 1 REFERENCE VOLTAGE 1 CURRENT SENSING 1 OUTPUT L ch 1 OUTPUT H ch 1 SUPPLY VOLTAGE VS TAB CONNECTED TO PIN 8 13 14 15 12 OUTPUT H ch 2 OUTPUT L ch 2 CURRENT SENSING 2 REFERENCE VOLTAGE 2 D03IN1502 |