| Zakładka z wyszukiwarką danych komponentów |
|
TC4420EPA Arkusz danych(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC4420EPA Arkusz danych(HTML) 10 Page - Microchip Technology |
|
10 / 20 page ![]() TC4420/TC4429 DS21419C-page 10 2004 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 5-Lead TO-220 XXXXXXXXX XXXXXXXXX YYWWNNN Example: TC4420CAT 0419256 8-Lead CERDIP (300 mil) Example: XXXXXXXX XXXXXNNN YYWW TC4420 MJA256 0419 8-Lead DFN Example : XXXXXXX XXXXXXX XXYYWW NNN TC4420 EMF 0419 256 |