| Zakładka z wyszukiwarką danych komponentów |
|
TC500ACOG Arkusz danych(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC500ACOG Arkusz danych(HTML) 22 Page - Microchip Technology |
|
22 / 34 page ![]() TC500/A/510/514 DS21428D-page 22 © 2006 Microchip Technology Inc. 16-Lead Plastic Dual In-line (PE) – 300 mil (PDIP) 2 1 D n E1 c β eB E α p L A2 B B1 A A1 15 10 5 15 10 5 β Mold Draft Angle Bottom 15 10 5 15 10 5 α Mold Draft Angle Top 10.92 9.40 7.87 .430 .370 .310 eB Overall Row Spacing 0.56 0.46 .036 .022 .018 .014 B Lower Lead Width 1.78 1.46 1.14 .070 .058 .045 B1 Upper Lead Width 0.38 0.29 0.20 .015 .012 .008 c Lead Thickness 3.43 3.30 3.18 .135 .130 .125 L Tip to Seating Plane 19.30 19.05 18.80 .760 .750 .740 D Overall Length 6.60 6.35 6.10 .260 .250 .240 E1 Molded Package Width 8.26 7.94 7.62 .325 .313 .300 E Shoulder to Shoulder Width 0.38 .015 A1 Base to Seating Plane 3.68 3.30 2.92 .145 .130 .115 A2 Molded Package Thickness 4.32 3.94 3.56 .170 .155 .140 A Top to Seating Plane 2.54 .100 p Pitch 16 16 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. Notes: JEDEC Equivalent: MS-001 Revised 07-21-05 * Controlling Parameter Drawing No. C04-017 |