Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML0131 Arkusz danych(PDF) 1 Page - Mitsubishi Electric Semiconductor

Numer części ML0131
Szczegółowy opis  FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML0131 Arkusz danych(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML0131 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML0131 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The laser driver IC were designed for use in
2.5Gb/s lightwave applications.
FEATURES
-High speed operation
tr/tf = 80ps (RL=25
Ω)
-ECL/SCFL compatible interface
-Adjustable outout current
Iout = ˜60mA
-Low Power Dissipation
Vss = -5.2V, PD = 700mW
APPLICATION
- 2.5Gb/s optical transmitter
TYPICAL CHARACTERISTIC (Ta = 25ºC)
Output waveform (@2.5Gb/s)
Photograph of Laser Driver IC
Package Size : 9.6mm x 7.6mm x 1.6mm
10 mA/div. 100 ps/div.
CIRCUIT DIAGRAM
VIN
VREF
VT+ GND
IOUT
VSS
VT-
Driverr
VMWA
IMON
VMARK+ VMARK-
IMOD
Level
Shift
Mark
Density
Input Buffer
Vss = -5.2V, IMOD = 3.2mA (@2.5Gb/s), PN : 211-1
MITSUBISHI
ELECTRIC
(1/2) as of Sep. , 1997
MITSUBISHI SEMICONDUCTOR <GaAs digital IC>
FOR OPTICAL TRANSMITTER
Notice : This is not a final specification
Some parametric limits are subject to change.
PRELIMINARY
ML0131
2.5Gb/s LASER DRIVER


Podobny numer części - ML0131

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Solid State E...
ML010BG1PG HONEYWELL-ML010BG1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010BS1PG HONEYWELL-ML010BS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PG1PG HONEYWELL-ML010PG1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PS1PG HONEYWELL-ML010PS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML010PS1PG HONEYWELL-ML010PS1PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
More results

Podobny opis - ML0131

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
5.0V 2.5Gb/s TIA
Rev 0
logo
Toshiba Semiconductor
TOAD347-RXB TOSHIBA-TOAD347-RXB Datasheet
232Kb / 4P
Optical Communication Devices 2.5Gb/s Optical Receiver
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
2.5Gb/s Buried Het Laser non-WDM applications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com