Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L79L08AB Arkusz danych(PDF) 6 Page - SYC Electronica

Numer części L79L08AB
Szczegółowy opis  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYC [SYC Electronica]
Strona internetowa  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

L79L08AB Arkusz danych(HTML) 6 Page - SYC Electronica

Back Button L79L08AB Datasheet HTML 2Page - SYC Electronica L79L08AB Datasheet HTML 3Page - SYC Electronica L79L08AB Datasheet HTML 4Page - SYC Electronica L79L08AB Datasheet HTML 5Page - SYC Electronica L79L08AB Datasheet HTML 6Page - SYC Electronica L79L08AB Datasheet HTML 7Page - SYC Electronica L79L08AB Datasheet HTML 8Page - SYC Electronica L79L08AB Datasheet HTML 9Page - SYC Electronica L79L08AB Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
L79LxxAB - L79LxxAC - L79LxxC
6/22
4
Electrical characteristics
Table 4.
Electrical characteristics of L79L05 (refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V,
IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-4.6
-5
-5.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = -7 to -20 V
-4.5
-5.5
V
IO = 1 to 70 mA, VI = -10 V
-4.5
-5.5
ΔVO
Line regulation
VI = -7 to -20 V, TJ = 25°C
200
mV
VI = -8 to -20 V, TJ = 25°C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = -8 to -20 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
40
µV
SVR
Supply voltage rejection
VI = -8 to -18V, f = 120Hz
IO = 40 mA, TJ = 25°C
40
49
dB
Vd
Dropout voltage
1.7
V
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com