Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L79L08ABZ Arkusz danych(PDF) 5 Page - SYC Electronica

Numer części L79L08ABZ
Szczegółowy opis  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYC [SYC Electronica]
Strona internetowa  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

L79L08ABZ Arkusz danych(HTML) 5 Page - SYC Electronica

  L79L08ABZ Datasheet HTML 1Page - SYC Electronica L79L08ABZ Datasheet HTML 2Page - SYC Electronica L79L08ABZ Datasheet HTML 3Page - SYC Electronica L79L08ABZ Datasheet HTML 4Page - SYC Electronica L79L08ABZ Datasheet HTML 5Page - SYC Electronica L79L08ABZ Datasheet HTML 6Page - SYC Electronica L79L08ABZ Datasheet HTML 7Page - SYC Electronica L79L08ABZ Datasheet HTML 8Page - SYC Electronica L79L08ABZ Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Maximum ratings
5/22
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
VO = -5 to -9 V
-30
V
VO = -12 to -15 V
-35
IO
Output current
100
mA
PD
Power dissipation
Internally Limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
For L79L00C, L79L00AC
0 to 125
°C
For L79L00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case. (Max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient. (Max)
55 (1)
200
°C/W
1.
Considering 6 cm2 of copper Board heat-sink.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com