Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1016 Arkusz danych(PDF) 7 Page - Microchip Technology

Numer części TC1016
Szczegółowy opis  80 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016 Arkusz danych(HTML) 7 Page - Microchip Technology

Back Button TC1016_05 Datasheet HTML 3Page - Microchip Technology TC1016_05 Datasheet HTML 4Page - Microchip Technology TC1016_05 Datasheet HTML 5Page - Microchip Technology TC1016_05 Datasheet HTML 6Page - Microchip Technology TC1016_05 Datasheet HTML 7Page - Microchip Technology TC1016_05 Datasheet HTML 8Page - Microchip Technology TC1016_05 Datasheet HTML 9Page - Microchip Technology TC1016_05 Datasheet HTML 10Page - Microchip Technology TC1016_05 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21666B-page 7
TC1016
FIGURE 2-25:
Line Transient Response.
FIGURE 2-26:
Line Transient Response.
FIGURE 2-27:
Line Transient Response.
ILOAD = 60 mA
CIN = 0 µF
COUT = 4.7 µF Ceramic
VOUT = 1.8V
VOUT = 2.8V to 3.8V
ILOAD = 100 µA
CIN = 0 µF
COUT = 1 µF Ceramic
VIN = 4V to 5V
VOUT = 2.8V
ILOAD = 100 µA
CIN = 0 µF
COUT = 10 µF Ceramic
VIN = 4V to 5V
VOUT = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22