| Zakładka z wyszukiwarką danych komponentów |
|
MCP6541-E/MF Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541-E/MF Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 40 page ![]() © 2007 Microchip Technology Inc. DS21730F-page 21 MCP201 FIGURE 3-3: REGULATOR CHANGE (V) VS. LINE VOLTAGE CHANGE Regulator Change (mV) -40(C) Load = 50(mA) Regulator Change (mV) -40(C) Load = 25(mA) Regulator Change (mV) -40(C) Load = 1(mA) Regulator Change (mV) 25(C) Load = 25(mA) Regulator Change (mV) 125(C) Load = 50(mA) Regulator Change (mV) 125(C) Load = 25(mA) Regulator Change (mV) 125(C) Load = 5(mA) Regulator Change (mV) 125(C) Load = 1(mA) Regulator Change (mV) 25(C) Load = 5(mA) Regulator Change (mV) 25(C) Load = 1(mA) Regulator Change (mV) 25(C) Load = 50(mA) Regulator Change (mV) -40(C) Load = 5(mA) Line Regulation Regulator Change (V) vs Line Voltage Change (mV) Line Voltage Change (V) 5 0 -5 -10 -15 -20 -25 -30 -35 -40 0 2 4 6 8 10 12 14 dap/jx 3/3/03 30 parts Y1004 B2 |