Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP6002 Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części MCP6002
Szczegółowy opis  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002 Arkusz danych(HTML) 8 Page - Microchip Technology

Back Button MCP6002 Datasheet HTML 4Page - Microchip Technology MCP6002 Datasheet HTML 5Page - Microchip Technology MCP6002 Datasheet HTML 6Page - Microchip Technology MCP6002 Datasheet HTML 7Page - Microchip Technology MCP6002 Datasheet HTML 8Page - Microchip Technology MCP6002 Datasheet HTML 9Page - Microchip Technology MCP6002 Datasheet HTML 10Page - Microchip Technology MCP6002 Datasheet HTML 11Page - Microchip Technology MCP6002 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP6001/2/4
DS21733F-page 8
© 2005 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
The MCP6001/2/4 family of op amps is manufactured
using Microchip’s state-of-the-art CMOS process and
is specifically designed for low-cost, low-power and
general-purpose applications. The low supply voltage,
low quiescent current and wide bandwidth makes the
MCP6001/2/4 ideal for battery-powered applications.
This device has high phase margin, which makes it
stable for larger capacitive load applications.
4.1
Rail-to-Rail Input
The MCP6001/2/4 op amps are designed to prevent
phase reversal when the input pins exceed the supply
voltages. Figure 4-1 shows the input voltage exceeding
the supply voltage without any phase reversal.
FIGURE 4-1:
The MCP6001/2/4 Show No
Phase Reversal.
The input stage of the MCP6001/2/4 op amps use two
differential input stages in parallel. One operates at a
low common mode input voltage (VCM), while the other
operates at a high VCM. With this topology, the device
operates with a VCM up to 300 mV above VDD and
300 mV below VSS. The input offset voltage is
measured at VCM =VSS – 300 mV and VDD +300 mV
to ensure proper operation.
Input voltages that exceed the input voltage range
(VSS – 0.3V to VDD + 0.3V at 25°C) can cause
excessive current to flow into or out of the input pins,
while current beyond ±2 mA can cause reliability
problems. Applications that exceed this rating must be
externally limited with a resistor, as shown in Figure 4-2.
FIGURE 4-2:
Input Current Limiting
Resistor (RIN).
4.2
Rail-to-Rail Output
The output voltage range of the MCP6001/2/4 op amps
is VDD –25mV (min.) and VSS + 25 mV (max.) when
RL =10kΩ is connected to VDD/2 and VDD = 5.5V.
Refer to Figure 2-14 for more information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability prob-
lems for voltage feedback op amps. As the load capac-
itance increases, the feedback loop’s phase margin
decreases and the closed-loop bandwidth is reduced.
This produces gain peaking in the frequency response,
with overshoot and ringing in the step response. While
a unity-gain buffer (G = +1) is the most sensitive to
capacitive loads, all gains show the same general
behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-3) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The band-
width will be generally lower than the bandwidth with no
capacitance load.
FIGURE 4-3:
Output resistor, RISO
stabilizes large capacitive loads.
-1
0
1
2
3
4
5
6
0.E+00
1.E-05
2.E-05
3.E-05
4.E-05
5.E-05
6.E-05
7.E-05
8.E-05
9.E-05
1.E-04
Time (10 µs/div)
VDD = 5.0V
G = +2 V/V
VIN
VOUT
R
IN
V
SS
Minimum expected V
IN
()
–
2 mA
----------------------------------------------------------------------------
≥
R
IN
Maximum expected V
IN
() V
DD
–
2 mA
-------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
MCP600X
–
+
VIN
RISO
VOUT
MCP600X
CL
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com