| Zakładka z wyszukiwarką danych komponentów |
|
PS700 Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS700 Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 38 page ![]() PS700 DS21760F-page 12 2004 Microchip Technology Inc. FIGURE 3-2: PS700 SMBus WRITE TRANSACTION SMBus Address 0 71 0 S BT AH A 71 0 X 64 Bank 32 Address Low 70 # of Bytes (only if BT = 1) 70 A A A Master controls SDA PS700 controls SDA Legend: S - Start P - Stop RS - Repeated Start A - Acknowledge A - Negative Acknowledge (terminates transaction) BT - Block mode indicator bit Bank - Controls selection of bank: 00 : EEPROM 01 : RAM/Registers 10 : Reserved 11 : Reserved AH - High-order address bits (2) Address low - Low-order address bits (8) (Additional data bytes if BT = 1) Last Write Data Byte 70 A P |