| Zakładka z wyszukiwarką danych komponentów |
|
MCP6546-E/MS Arkusz danych(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546-E/MS Arkusz danych(HTML) 24 Page - Microchip Technology |
|
24 / 32 page ![]() MCP6546/6R/6U/7/8/9 DS21714E-page 24 © 2006 Microchip Technology Inc. 14-Lead Plastic Dual In-line (P) – 300 mil Body (PDIP) E1 n D 1 2 eB β E c A A1 B B1 L A2 p α Units INCHES* MILLIMETERS Dimension Limits MIN NOM MAX MIN NOM MAX Number of Pins n 14 14 Pitch p .100 2.54 Top to Seating Plane A .140 .155 .170 3.56 3.94 4.32 Molded Package Thickness A2 .115 .130 .145 2.92 3.30 3.68 Base to Seating Plane A1 .015 0.38 Shoulder to Shoulder Width E .300 .313 .325 7.62 7.94 8.26 Molded Package Width E1 .240 .250 .260 6.10 6.35 6.60 Overall Length D .740 .750 .760 18.80 19.05 19.30 Tip to Seating Plane L .125 .130 .135 3.18 3.30 3.43 Lead Thickness c .008 .012 .015 0.20 0.29 0.38 Upper Lead Width B1 .045 .058 .070 1.14 1.46 1.78 Lower Lead Width B .014 .018 .022 0.36 0.46 0.56 Overall Row Spacing § eB .310 .370 .430 7.87 9.40 10.92 Mold Draft Angle Top α 5 10 15 5 10 15 β 5 10 15 5 10 15 Mold Draft Angle Bottom * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-005 § Significant Characteristic Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |