| Zakładka z wyszukiwarką danych komponentów |
|
XC6104F045 Arkusz danych(PDF) 21 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6104F045 Arkusz danych(HTML) 21 Page - Torex Semiconductor |
|
21 / 26 page ![]() 21/26 XC6101 ~ XC6107, XC6111~ XC6117 Series ■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (3-1) Output Voltage vs. Input Voltage (VDFL) * ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111) (3.1) Detect, Release Voltage vs. Input Voltage (VDFL) (3.2) Detect, Release Voltage vs. Input Voltage (VDFH) 0.0 0.5 1.0 1.5 2.0 01 2 Input Voltage: VIN (V) XC6101~XC6107 (1.6V) Rpull:100kΩ Ta=-40℃ 25℃ 85℃ ↓:VDF ↑:VDR 0.0 0.5 1.0 1.5 2.0 2.5 3.0 01 23 Input Voltage: VIN (V) XC6101~XC6107 (2.7V) Rpull:100kΩ Ta=-40℃ 25℃ 85℃ ↓:VDF ↑:VDR 0.0 1.0 2.0 3.0 4.0 5.0 6.0 01 2 3 4 5 6 Input Voltage: VIN (V) Rpull:100kΩ Ta=-40℃ 25℃ 85℃ ↓:VDF ↑:VDR XC6101~XC6107 (5.0V) 0.0 0.5 1.0 1.5 2.0 01 2 Input Voltage: VIN (V) XC6103~XC6107 (1.6V) Rpull:100kΩ Ta=-40℃ 25℃ 85℃ ↑:VDF ↓:VDR 0.0 0.5 1.0 1.5 2.0 2.5 3.0 01 23 Input Voltage: VIN (V) XC6103~XC6107 (2.7V) Rpull:100kΩ Ta=-40℃ 25℃ 85℃ ↑:VDF ↓:VDR |