| Zakładka z wyszukiwarką danych komponentów |
|
25LC020A-E/ST Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC020A-E/ST Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 28 page ![]() © 2006 Microchip Technology Inc. Preliminary DS21833C-page 21 25AA020A/25LC020A 6-Lead Plastic Small Outline Transistor (CH or OT) (SOT-23) 1 D B n E E1 L c β φ α A2 A A1 p1 10 5 0 10 5 0 β Mold Draft Angle Bottom 10 5 0 10 5 0 α Mold Draft Angle Top 0.50 0.43 0.35 .020 .017 .014 B Lead Width 0.20 0.15 0.09 .008 .006 .004 c Lead Thickness 10 5 0 10 5 0 φ Foot Angle 0.55 0.45 0.35 .022 .018 .014 L Foot Length 3.10 2.95 2.80 .122 .116 .110 D Overall Length 1.75 1.63 1.50 .069 .064 .059 E1 Molded Package Width 3.00 2.80 2.60 .118 .110 .102 E Overall Width 0.15 0.08 0.00 .006 .003 .000 A1 Standoff 1.30 1.10 0.90 .051 .043 .035 A2 Molded Package Thickness 1.45 1.18 0.90 .057 .046 .035 A Overall Height 1.90 BSC .075 BSC p1 Outside lead pitch 0.95 BSC .038 BSC p Pitch 6 6 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. Notes: JEITA (formerly EIAJ) equivalent: SC-74A * Controlling Parameter Drawing No. C04-120 BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M Revised 09-12-05 |