| Zakładka z wyszukiwarką danych komponentów |
|
MCP23017T-E/ML Arkusz danych(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/ML Arkusz danych(HTML) 35 Page - Microchip Technology |
|
35 / 48 page ![]() © 2007 Microchip Technology Inc. DS21952B-page 35 MCP23017/MCP23S17 TABLE 2-4: GP AND INT PINS AC Characteristics Operating Conditions (unless otherwise indicated): 1.8V ≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp) 4.5V ≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1) Param No. Characteristic Sym Min Typ Max Units Conditions 50 Serial Data to Output Valid TGPOV —— 500 ns 51 Interrupt Pin Disable Time TINTD —— 600 ns 52 GP Input Change to Register Valid TGPIV —— 450 ns 53 IOC Event to INT Active TGPINT —— 600 ns Glitch Filter on GP Pins TGLITCH —— 150 ns Note 1 Note 1: This parameter is characterized, not 100% tested |