| Zakładka z wyszukiwarką danych komponentów |
|
MCP23017-E/SP Arkusz danych(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017-E/SP Arkusz danych(HTML) 30 Page - Microchip Technology |
|
30 / 48 page ![]() MCP23017/MCP23S17 DS21952B-page 30 © 2007 Microchip Technology Inc. TABLE 2-1: DEVICE RESET SPECIFICATIONS FIGURE 2-3: I2C™ BUS START/STOP BITS TIMING FIGURE 2-4: I2C™ BUS DATA TIMING AC Characteristics Operating Conditions (unless otherwise indicated): 1.8V ≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp) 4.5V ≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1) Param No. Characteristic Sym Min Typ(1) Max Units Conditions 30 RESET Pulse Width (Low) TRSTL 1— — µs 32 Device Active After Reset high THLD —0 — ns VDD = 5.0V 34 Output High-Impedance From RESET Low TIOZ —— 1 µs Note 1: This parameter is characterized, not 100% tested. 91 93 SCL SDA Start Condition Stop Condition 90 92 90 91 92 100 101 103 106 107 109 109 110 102 SCL SDA In SDA Out |