| Zakładka z wyszukiwarką danych komponentów |
|
TC1270AMVCTTR Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMVCTTR Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 40 page ![]() © 2007 Microchip Technology Inc. DS22035B-page 21 TC1270A/70AN/71A 4.3 Negative Going VDD Transients The minimum pulse width (time) required to cause a Reset may be an important criteria in the implementa- tion of a Power-on Reset (POR) circuit. This time is referred to as transient duration. The TC127XA devices are designed to reject a level of negative-going transients (glitches) on the power supply line. Transient duration is the amount of time needed for these supervisory devices to respond to a drop in VDD. The transient duration time (tTRAN) is dependent on the magnitude of VTRIP – VDD (overdrive). Any combination of duration and overdrive that lies under the duration/overdrive curve will not generate a Reset signal. Generally speaking, the transient duration time decreases with an increase in the VTRIP – VDD voltage. Figure 4-9 shows an example transient duration vs. Reset comparator overdrive. It shows that the farther below the trip point the transient pulse goes, the duration of the pulse required to cause a Reset gets shorter. So any combination of duration and overdrive that lays under the curve will not generate a Reset signal. Combinations above the curve are detected as a brown-out or power-down. Transient immunity can be improved by adding a bypass capacitor (typically 0.1 µF) as close as possible to the VDD pin of the TC127XA device. FIGURE 4-9: Example of Typical Transient Duration Waveform. 4.4 Manual Reset with Glitch Filter Circuit The Manual Reset input pin (MR) allows the Reset pins (RST/RST) to be manually forced to their active states. The MR pin has circuitry to filter noise pulses that may be present on the pin. Figure 4-10 shows a block diagram for using the TC127XA with a push button switch. To minimize the required external components, the MR input has an internal pull-up resistor. A mechanical push button or active logic signal can drive the MR input. Once MR has been low for a time, tMD (the Manual Reset delay time), the Reset output pins are forced active. The Reset output pins will remain in their active states for the Reset delay timer time out period (tRST). Figure 4-11 shows a waveform for the Manual Reset switch input and the Reset pins output. FIGURE 4-10: Push Button Reset. FIGURE 4-11: MR Input – Push Button. 4.4.1 NOISE FILTER The noise filter filters out noise spikes (glitches) on the Manual Reset pin (MR). Noise spikes less than 100 ns (typical) are filtered. Time (µs) 0V 5V VTRIP(MIN) - VDD tTRAN (Duration) VTRIP(MAX) VTRIP(MIN) (Overdrive) Transient Overdrive Voltage (mV) Area below curve will not generate a reset signal Area above curve will generate a reset signal VDD MR VSS RST MCLR +5V TC127XA PIC® MCU RST VIL tMR RST tMD VIH tRST MR The MR input typically ignores input pulses of 100 ns. |