Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8708B Arkusz danych(PDF) 21 Page - NXP Semiconductors

Numer części TDA8708B
Szczegółowy opis  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708B Arkusz danych(HTML) 21 Page - NXP Semiconductors

Back Button TDA8708B Datasheet HTML 16Page - NXP Semiconductors TDA8708B Datasheet HTML 17Page - NXP Semiconductors TDA8708B Datasheet HTML 18Page - NXP Semiconductors TDA8708B Datasheet HTML 19Page - NXP Semiconductors TDA8708B Datasheet HTML 20Page - NXP Semiconductors TDA8708B Datasheet HTML 21Page - NXP Semiconductors TDA8708B Datasheet HTML 22Page - NXP Semiconductors TDA8708B Datasheet HTML 23Page - NXP Semiconductors TDA8708B Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1996 Nov 26
21
Philips Semiconductors
Product specification
Video analog input interface
TDA8708B
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24