| Zakładka z wyszukiwarką danych komponentów |
|
LS7366R-TS Arkusz danych(PDF) 7 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7366R-TS Arkusz danych(HTML) 7 Page - LSI Computer Systems |
|
7 / 13 page ![]() Note 1. The SPI port of the host MCU must be set up as follows: 1. SPI master mode. 2. SCK idle state = low 3. Clock edge for MOSI data shift = high to low 4. Clock edge for input data (MISO) sample by the Processor = low to high (or bit middle) Note 2. To conform with the multibyte transmission protocol of LS7366R, the SS/ output port of the MCU may require direct manipulation by the application program. FIGURE 2. SPI TIMINGS 7366R-041906-7 tCSH t CL tCH tCSL MSB LSB SS/ SCK MOSI MISO HIGH IMPEDANCE ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |