| Zakładka z wyszukiwarką danych komponentów |
|
TLE2144CDW Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144CDW Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 72 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2141I operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2141I TLE2141AI UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT SR + Positive slew rate AVD = − 1, RL = 2 kΩ, 27 45 27 45 V/ s SR − Negative slew rate AVD = − 1, CL = 500 pF RL = 2 kΩ, 27 42 27 42 V/ µs ts Settling time AVD = − 1, To 0.1% 0.34 0.34 s ts Settling time AVD = − 1, 10-V step To 0.01% 0.4 0.4 µs Vn Equivalent input noise voltage RS = 20 Ω, f = 10 Hz 15 15 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω, f = 1 kHz 10.5 10.5 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 0.48 0.48 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.51 0.51 µV In Equivalent input noise current f = 10 Hz 1.89 1.89 pA/ √Hz In Equivalent input noise current f = 1 kHz 0.47 0.47 pA/ √Hz THD + N Total harmonic distortion plus VO(PP) = 20 V, RL = 2 kΩ, 0.01% 0.01% THD + N Total harmonic distortion plus noise VO(PP) = 20 V, AVD = 10, RL = 2 kΩ, f = 10 kHz 0.01% 0.01% B1 Unity-gain bandwidth RL = 2 kΩ, CL = 100 pF 6 6 MHz B1 Unity-gain bandwidth RL = 2 kΩ, CL = 100 pF 6 6 MHz Gain-bandwidth product RL = 2 kΩ, CL = 100 pF, 5.9 5.9 MHz Gain-bandwidth product RL = 2 kΩ, f = 100 kHz CL = 100 pF, 5.9 5.9 MHz BOM Maximum output-swing VO(PP) = 20 V, RL = 2 kΩ, 668 668 kHz BOM Maximum output-swing bandwidth VO(PP) = 20 V, AVD = 1, RL = 2 kΩ, CL = 100 pF 668 668 kHz φm Phase margin at unity gain RL = 2 kΩ, CL = 100 pF 58 ° 58 ° |