Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G3018 Arkusz danych(PDF) 1 Page - GTM CORPORATION

Numer części G3018
Szczegółowy opis  N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GTM [GTM CORPORATION]
Strona internetowa  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G3018 Arkusz danych(HTML) 1 Page - GTM CORPORATION

  G3018 Datasheet HTML 1Page - GTM CORPORATION G3018 Datasheet HTML 2Page - GTM CORPORATION G3018 Datasheet HTML 3Page - GTM CORPORATION G3018 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G3018
Page: 1/4
ISSUED DATE :2005/11/30
REVISED DATE :
G
G 33001188
N
N -- C
C H
H A
A N
N N
N E
E L
L M
M O
O S
S F
F E
E T
T
Description
N-channel enhancement-mode MOSFET
Features
&Low on-resistance.
&Fast switching speed.
&Low voltage drive (2.5V) makes this device ideal for portable equipment.
&Easily designed drive circuits.
&Easy to parallel.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
10°
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
f 20
V
Continuous Drain Current3
ID @TA=25 :
115
mA
Continuous Drain Current3
ID @TA=100 :
75
mA
Pulsed Drain Current1,2
IDM
800
mA
Power Dissipation
PD @TA=25 :
0.225
W
Linear Derating Factor
0.0018
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-40 ~ +150
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient3 Max.
Rthj-a
556
/W
BVDSS
30V
RDS(ON)
8
ID
115mA
Pb Free Plating Product


Podobny numer części - G3018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-Tech Electronics LTD
G3018 ETL-G3018 Datasheet
348Kb / 4P
N - C H A N N E L M O S F E T
logo
Heyco.
G3018 HEYCO-G3018 Datasheet
116Kb / 1P
Feets of Strength
logo
GTM CORPORATION
G3018K GTM-G3018K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3018K ETL-G3018K Datasheet
300Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Podobny opis - G3018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com