| Zakładka z wyszukiwarką danych komponentów |
|
TDA8764AHL/6 Arkusz danych(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8764AHL/6 Arkusz danych(HTML) 19 Page - NXP Semiconductors |
|
19 / 24 page ![]() 2000 Jul 03 19 Philips Semiconductors Product specification 10-bit high-speed low-power ADC TDA8764A PACKAGE OUTLINES UNIT A1 A2 A3 bp cD(1) E(1) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 10.4 10.0 5.4 5.2 0.65 1.25 7.9 7.6 0.9 0.7 1.1 0.7 8 0 o o 0.13 0.1 0.2 DIMENSIONS (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. 1.03 0.63 SOT341-1 MO-150 95-02-04 99-12-27 X w M θ A A1 A2 b p D HE L p Q detail X E Z e c L v M A (A ) 3 A 114 28 15 0.25 y pin 1 index 0 2.5 5 mm scale SSOP28: plastic shrink small outline package; 28 leads; body width 5.3 mm SOT341-1 A max. 2.0 |