Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCC0KA7 Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BCC0KA7
Szczegółowy opis  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0KA7 Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BCC0KA7 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0KA7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC W323-W313-30-602-BW8334-003
Order Code: BCC0KA7
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 264593
ETIM 6.0: EC001855
BCC0KA7_0.78_2024-03-07
1 / 2
Basic features
Application
Welding area
Approval/Conformity
CE
WEEE
Display/Operation
Function indicator (Pin 4)
LED yellow
Power indicator
LED green/no
Electrical connection
Bending radius min., fixed cable
8 x D
Bending radius min., flexible cable
15 x D
Cable
TPE welding spark resistant gray,
0.3 m
Cable diameter D
4.40 mm ±0.20 mm
Conductor cross-section
0.34 mm²
Connection 1
M8x1-Female, angled, 3-pin, A-
coded
Connection 2
M8x1-Male, straight, 3-pin, A-
coded
Number of conductors
3
System
Molded/Molded
Electrical data
Operating voltage Ub
30 VDC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, fixed routing
-50...130 °C
Cable temperature, flexible routing
-40...125 °C
IP rating
IP65/IP65
Material
Cable jacket material, note
welding spark resistant
Cable jacket, material
TPE
Material contact carrier
PUR, special/PUR, special
Material contacts
Bronze/Brass
Material cover nut
Brass
PTFE coated/Brass
PTFE coated
Material grip
PUR, special/PUR, special
Mechanical data
Cable jacket, color
gray
Cable length L
0.30 m
Tightening torque pigtail
0.4 Nm/0.4 Nm
Remarks
Flame-retarding
Maximum temperature at outer jacket from weld spatter/beads short-time 800°C.
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Podobny numer części - BCC0KA7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BCC0KA1 BALLUFF-BCC0KA1 Datasheet
97Kb / 2P
Single-Ended Cordsets
0.71_2022-07-04
BCC0KA2 BALLUFF-BCC0KA2 Datasheet
97Kb / 2P
Single-Ended Cordsets
0.67_2022-05-17
BCC0KA3 BALLUFF-BCC0KA3 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.69_2022-07-04
BCC0KA4 BALLUFF-BCC0KA4 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.78_2022-07-15
BCC0KA5 BALLUFF-BCC0KA5 Datasheet
105Kb / 2P
Single-Ended Cordsets
0.69_2022-07-04
More results

Podobny opis - BCC0KA7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com