| Zakładka z wyszukiwarką danych komponentów |
|
M30302FAPFP Arkusz danych(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30302FAPFP Arkusz danych(HTML) 6 Page - Renesas Technology Corp |
|
6 / 57 page ![]() M16C/30P Group 1. Overview Rev.1.22 Mar 30, 2007 Page 6 of 53 REJ03B0088-0122 Figure 1.3 Marking Diagram of Mask ROM Version for M16C/30P (Top View) Table 1.4 Product Code of MASK ROM version for M16C/30P Product Code Package Operating Ambient Temperature U1 Lead-free -20 °C to 85°C U4 -40 °C to 85°C M1 6 C M3 0 3 0 2 M D P - X X X F P A U 1 XXX XXXX Part No. (See Figure 1.2 Part No., Memory Size, and Package) Chip version, product code and date code A : Shows chip version. Henceforth, whenever it changes a version, it continues with A, B, and C. U1 : Shows Product code. (See table 1.3 Product Code) XXXXXXX : Seven digits PRQP0100JB-A (100P6S-A) 1. Standard Renesas Mark M3 0 3 0 2 M D P - XXX F P AU 1 M1 6 C XXXXXXX Part No. (See Figure 1.2 Part No., Memory Size, and Package) Chip version and product code A : Shows chip version. Henceforth, whenever it changes a version, it continues with A, B, and C. U1 : Shows Product code. (See table 1.3 Product Code) Date code seven digits 2. Customer’s Parts Number + Renesas catalog name M1 6 C M 3 030 2 M D P -X X X G P A U 1 X XXX XXX Part No. (See Figure 1.2 Part No., Memory Size, and Package) Chip version, product code and date code A : Shows chip version. Henceforth, whenever it changes a version, it continues with A, B, and C. U1 : Shows Product code. (See table 1.3 Product Code) XXXXXXX : Seven digits PLQP0100KB-A (100P6Q-A) 1. Standard Renesas Mark M 30302 M D P A U 1 - XXX G P M 1 6 C XXXXXXX Part No. (See Figure 1.2 Part No., Memory Size, and Package) Chip version and product code A : Shows chip version. Henceforth, whenever it changes a version, it continues with A, B, and C. U1 : Shows Product code. (See table 1.3 Product Code) Date code seven digits 2. Customer’s Parts Number + Renesas catalog name NOTES: 1. Refer to the mark specification form for details of the Mask ROM version marking. |