| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F685-E/MLQTP Arkusz danych(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/MLQTP Arkusz danych(HTML) 86 Page - Microchip Technology |
|
86 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 84 © 2007 Microchip Technology Inc. 6.0 TIMER1 MODULE WITH GATE CONTROL The Timer1 module is a 16-bit timer/counter with the following features: • 16-bit timer/counter register pair (TMR1H:TMR1L) • Programmable internal or external clock source • 3-bit prescaler • Optional LP oscillator • Synchronous or asynchronous operation • Timer1 gate (count enable) via comparator or T1G pin • Interrupt on overflow • Wake-up on overflow (external clock, Asynchronous mode only) • Time base for the Capture/Compare function (PIC16F685/PIC16F690 only) • Special Event Trigger (with ECCP) (PIC16F685/PIC16F690 only) • Comparator output synchronization to Timer1 clock Figure 6-1 is a block diagram of the Timer1 module. 6.1 Timer1 Operation The Timer1 module is a 16-bit incrementing counter which is accessed through the TMR1H:TMR1L register pair. Writes to TMR1H or TMR1L directly update the counter. When used with an internal clock source, the module is a timer. When used with an external clock source, the module can be used as either a timer or counter. 6.2 Clock Source Selection The TMR1CS bit of the T1CON register is used to select the clock source. When TMR1CS = 0, the clock source is FOSC/4. When TMR1CS = 1, the clock source is supplied externally. FIGURE 6-1: TIMER1 BLOCK DIAGRAM Clock Source T1OSCEN FOSC Mode TMR1CS FOSC/4 x xxx 0 T1CKI pin 0 xxx 1 T1LPOSC 1 LP or INTOSCIO 1 TMR1H TMR1L Oscillator T1SYNC T1CKPS<1:0> Prescaler 1, 2, 4, 8 Synchronize det 1 0 0 1 Synchronized clock input 2 Set flag bit TMR1IF on Overflow TMR1(1) TMR1GE TMR1ON 1 0 SYNCC2OUT T1GSS T1GINV To C2 Comparator module Timer1 Clock TMR1CS OSC2/T1G OSC1/T1CKI * ST Buffer is low power type when using LP osc, or high speed type when using T1CKI. Note 1: Timer1 register increments on rising edge. 2: Synchronize does not operate while in Sleep. * EN FOSC/4 Internal Clock (2) T1OSCEN FOSC = 100 FOSC = 000 Sleep |