Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431I Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części TL431I
Szczegółowy opis  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431I Arkusz danych(HTML) 1 Page - STMicroelectronics

  TL431I Datasheet HTML 1Page - STMicroelectronics TL431I Datasheet HTML 2Page - STMicroelectronics TL431I Datasheet HTML 3Page - STMicroelectronics TL431I Datasheet HTML 4Page - STMicroelectronics TL431I Datasheet HTML 5Page - STMicroelectronics TL431I Datasheet HTML 6Page - STMicroelectronics TL431I Datasheet HTML 7Page - STMicroelectronics TL431I Datasheet HTML 8Page - STMicroelectronics TL431I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2
November 2005
1/13
13
TL431
Programmable Voltage Reference
Adjustable output voltage: 2.5 to 36V
Sink current capability: 1 to 100mA
Typical output impedance: 0.22
1% and 2% voltage precision
Description
The TL431 is a programmable shunt voltage
reference with guaranteed temperature stability
over the entire temperature range of operation.
The output voltage may be set to any value
between 2.5V and 36V with two external resistors.
The TL431 operates with a wide current range
from
1
to
100mA
with
a
typical
dynamic
impedance of 0.22
Ω.
Order Codes
Z
TO92
(Plastic Package)
D
SO-8
(Plastic Micropackage)
Part Number
Temperature
Range
Package
Packing
Marking
TL431CD/CDT
0, +70°C
SO-8
Tube or Tape & Reel
431C
TL431ACD/ACDT
431AC
TL431CZ/CZT/CZ-AP
TO92
TL431C
TL431ACZ/ACZT/ACZ-AP
TL431AC
TL431ID/IDT
-40, + 105°C
SO-8
431I
TL431AID/AIDT
431AI
TL431IZ/IZT/IZ-AP
TO92
TL431I
TL431AIZ/AIZT/AIZ-AP
TL431AI
TL431IYD/IYDT
SO-8 (automotive grade level)
431IY
TL431AIYD/AIYDT
431AIY
www.st.com


Podobny numer części - TL431I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431I PHILIPS-TL431I Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431I STMICROELECTRONICS-TL431I Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Wing Shing Computer Com...
TL431I WINGS-TL431I Datasheet
302Kb / 8P
Adjustable Precision Shunt Regulator (I Grade)
logo
STMicroelectronics
TL431ICT STMICROELECTRONICS-TL431ICT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
Motorola, Inc
TL431ID MOTOROLA-TL431ID Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
More results

Podobny opis - TL431I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL432XSF AUK-SL432XSF_1 Datasheet
349Kb / 5P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com