Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

10F200 Arkusz danych(PDF) 83 Page - Microchip Technology

Numer części 10F200
Szczegółowy opis  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F200 Arkusz danych(HTML) 83 Page - Microchip Technology

Back Button 10F200 Datasheet HTML 79Page - Microchip Technology 10F200 Datasheet HTML 80Page - Microchip Technology 10F200 Datasheet HTML 81Page - Microchip Technology 10F200 Datasheet HTML 82Page - Microchip Technology 10F200 Datasheet HTML 83Page - Microchip Technology 10F200 Datasheet HTML 84Page - Microchip Technology 10F200 Datasheet HTML 85Page - Microchip Technology 10F200 Datasheet HTML 86Page - Microchip Technology 10F200 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 81
PIC10F200/202/204/206
14.0 PACKAGING INFORMATION
14.1
Package Marking Information
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
Example
PIC10F202
0520
6-Lead SOT-23A*
XXNN
Example
02JR
3
e
I/P
07Q
X X X
Y W W
N N
8-Lead 2x3 DFN*
B E 0
6 1 0
1 7
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96