| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F010-E/MCSQTP Arkusz danych(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/MCSQTP Arkusz danych(HTML) 92 Page - Microchip Technology |
|
92 / 116 page ![]() PIC12F510/16F506 DS41268C-page 90 Preliminary © 2007 Microchip Technology Inc. TABLE 13-4: A/D CONVERTER CHARACTERISTICS (PIC12F510) Param No. Sym Characteristic Min Typ† Max Units Conditions A01 NR Resolution — — 8 bits bit A03 EIL Integral Error — — ± 1 LSb VDD = 5.0V A04 EDL Differential Error — — -1 < EDL ≤ 1 LSb No missing codes to 8 bits VDD = 5.0V A05 EFS Full-scale Range 2 — 5.5* V VDD A06 EOFF Offset Error — — ± 1 LSb VDD = 5.0V A07 EGN Gain Error — — ± 1 LSb VDD = 5.0V A10 — Monotonicity — guaranteed(2) —— VSS ≤ VAIN ≤ VDD A25 VAIN Analog Input Voltage VSS —VDD V A30 ZAIN Recommended Impedance of Analog Voltage Source —— 10 k Ω * These parameters are characterized but not tested. † Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only are not tested. Note 1: Total Absolute Error includes integral, differential, offset and gain errors. 2: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes. 3: When A/D is off, it will not consume any current other than leakage current. The power-down current specification includes any such leakage from the A/D module. |