| Zakładka z wyszukiwarką danych komponentów |
|
DDR-SJE-R1 Arkusz danych(PDF) 2 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DDR-SJE-R1 Arkusz danych(HTML) 2 Page - DOMINANT Semiconductors |
|
2 / 14 page ![]() 23/04/2007 V5.0 2 DDR-SJE-Q2R-1 • DDR-SJE-Q2 • DDR-SJE-R1 • DDR-SJE-R2 DDY-CJE-ST2-1 • DDY-CJE-S1 • DDY-CJE-S2 • DDY-CJE-T1 • DDY-CJE-T2 DDY-SJE-S2T-1 • DDY-SJE-S2 • DDY-SJE-T1 • DDY-SJE-T2 DDT-SJE-ST2-1 • DDY-SJE-S1 • DDY-SJE-S2 • DDY-SJE-T1 • DDY-SJE-T2 DDB-SJE-PQ2-1 • DDB-SJE-P1 • DDB-SJE-P2 • DDB-SJE-Q1 • DDB-SJE-Q2 AlIGaP Red, 625nm AlIGaP Yellow, 587nm InGaN True Green, 525nm InGaN Blue, 470nm 120 120 120 120 90.0 - 180.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 224.0 - 450.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 Colored Resin : DDx-xJE DOMINANT TM Semiconductors Innovating Illumination Part Ordering Number Chip Technology / Color Viewing Angle˚ Luminous Intensity @ IF = 20mA IV (mcd) NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminious intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of ± 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf bining is also available upon request. Bining scheme is as per following table. |