| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F615-E/STQTP Arkusz danych(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615-E/STQTP Arkusz danych(HTML) 27 Page - Microchip Technology |
|
27 / 168 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41302A-page 25 PIC12F609/615/12HV609/615 3.0 OSCILLATOR MODULE 3.1 Overview The Oscillator module has a wide variety of clock sources and selection features that allow it to be used in a wide range of applications while maximizing perfor- mance and minimizing power consumption. Figure 3-1 illustrates a block diagram of the Oscillator module. Clock sources can be configured from external oscillators, quartz crystal resonators, ceramic resonators and Resistor-Capacitor (RC) circuits. In addition, the system clock source can be configured with a choice of two selectable speeds: internal or external system clock source. The Oscillator module can be configured in one of eight clock modes. 1. EC – External clock with I/O on OSC2/CLKOUT. 2. LP – 32 kHz Low-Power Crystal mode. 3. XT – Medium Gain Crystal or Ceramic Resonator Oscillator mode. 4. HS – High Gain Crystal or Ceramic Resonator mode. 5. RC – External Resistor-Capacitor (RC) with FOSC/4 output on OSC2/CLKOUT. 6. RCIO – External Resistor-Capacitor (RC) with I/O on OSC2/CLKOUT. 7. INTOSC – Internal oscillator with FOSC/4 output on OSC2 and I/O on OSC1/CLKIN. 8. INTOSCIO – Internal oscillator with I/O on OSC1/CLKIN and OSC2/CLKOUT. Clock Source modes are configured by the FOSC<2:0> bits in the Configuration Word register (CONFIG). The Internal Oscillator module provides a selectable system clock mode of either 4 MHz (Postscaler) or 8 MHz (INTOSC). FIGURE 3-1: PIC® MCU CLOCK SOURCE BLOCK DIAGRAM (CPU and Peripherals) OSC1 OSC2 Sleep External Oscillator LP, XT, HS, RC, RCIO, EC System Clock FOSC<2:0> (Configuration Word Register) Internal Oscillator INTOSC 8 MHz Postscaler 4 MHz INTOSC IOSCFS<7> |