Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DDR-CJS-R1 Arkusz danych(PDF) 6 Page - DOMINANT Semiconductors

Numer części DDR-CJS-R1
Szczegółowy opis  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DOMINANT [DOMINANT Semiconductors]
Strona internetowa  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDR-CJS-R1 Arkusz danych(HTML) 6 Page - DOMINANT Semiconductors

Back Button DDR-CJS-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 9Page - DOMINANT Semiconductors DDR-CJS-R1 Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
07/06/2007 V10.0
6
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDH-CJS, DDS-CJS, DDR-CJS, DDA-CJS,
DDO-CJS, DDY-CJS, DDG-CJS
DDS-SJS, DDR-SJS, DDA-SJS, DDO-SJS,
DDY-SJS, DDG-SJS, DDP-SJS
DDR-TJS, DDY-TJS
1.9
1.8
2.1
2.3
2.3
2.6
12
12
12
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
01
02
03
04
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 … 2.75
Forward voltage, Vf is measured with an accuracy of ± 0.1 V. Please consult sales & marketing for special part number to incorporate Vf binning.
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current;
(tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
30
1000
500
12
2
125
-40 … +100
-40 … +100
75
500
280
mA
mA
V
KV
˚C
˚C
˚C
mW
K/W
K/W
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
DDx-SJS/DDx-TJS :
DDx-CJS :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16