| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012A20I/P Arkusz danych(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20I/P Arkusz danych(HTML) 46 Page - Microchip Technology |
|
46 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 44 © 2006 Microchip Technology Inc. 4.2.3 MODULO ADDRESSING APPLICABILITY Modulo Addressing can be applied to the Effective Address (EA) calculation associated with any W regis- ter. It is important to realize that the address bound- aries check for addresses less than, or greater than the upper (for incrementing buffers), and lower (for decre- menting buffers) boundary addresses (not just equal to). Address changes may, therefore, jump beyond boundaries and still be adjusted correctly. 4.3 Bit-Reversed Addressing Bit-Reversed Addressing is intended to simplify data re-ordering for radix-2 FFT algorithms. It is supported by the X AGU for data writes only. The modifier, which may be a constant value or register contents, is regarded as having its bit order reversed. The address source and destination are kept in normal order. Thus, the only operand requiring reversal is the modifier. 4.3.1 BIT-REVERSED ADDRESSING IMPLEMENTATION Bit-Reversed Addressing is enabled when: 1. BWM (W register selection) in the MODCON register is any value other than ‘15’ (the stack cannot be accessed using Bit-Reversed Addressing) and 2. the BREN bit is set in the XBREV register and 3. the addressing mode used is Register Indirect with Pre-Increment or Post-Increment. If the length of a bit-reversed buffer is M = 2N bytes, then the last ‘N’ bits of the data buffer Start address must be zeros. XB<14:0> is the bit-reversed address modifier or ‘pivot point’ which is typically a constant. In the case of an FFT computation, its value is equal to half of the FFT data buffer size. When enabled, Bit-Reversed Addressing is only exe- cuted for register indirect with pre-increment or post- increment addressing and word-sized data writes. It does not function for any other addressing mode or for byte-sized data. Normal addresses are generated instead. When Bit-Reversed Addressing is active, the W address pointer is always added to the address modifier (XB) and the offset associated with the Regis- ter Indirect Addressing mode is ignored. In addition, as word-sized data is a requirement, the LSb of the EA is ignored (and always clear). If Bit-Reversed Addressing has already been enabled by setting the BREN (XBREV<15>) bit, then a write to the XBREV register should not be immediately followed by an indirect read operation using the W register that has been designated as the bit-reversed pointer. Note: The modulo corrected Effective Address is written back to the register only when Pre- Modify or Post-Modify Addressing mode is used to compute the Effective Address. When an address offset (e.g., [W7+W2]) is used, Modulo address correction is per- formed, but the contents of the register remain unchanged. Note: All bit-reversed EA calculations assume word-sized data (LSb of every EA is always clear). The XB value is scaled accordingly to generate compatible (byte) addresses. Note: Modulo Addressing and Bit-Reversed Addressing should not be enabled together. In the event that the user attempts to do this, Bit-Reversed Addressing assumes priority when active for the X WAGU, and X WAGU Modulo Addressing is disabled. However, Modulo Addressing continues to function in the X RAGU. |