Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC30F2012AT20E/SO Arkusz danych(PDF) 11 Page - Microchip Technology

Numer części DSPIC30F2012AT20E/SO
Szczegółowy opis  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/SO Arkusz danych(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/SO Datasheet HTML 7Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 8Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 9Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 10Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 11Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 12Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 13Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 14Page - Microchip Technology DSPIC30F2012AT20E/SO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 9
dsPIC30F2011/2012/3012/3013
1.0
DEVICE OVERVIEW
This data sheet contains information specific to the
dsPIC30F2011, dsPIC30F2012, dsPIC30F3012 and
dsPIC30F3013 Digital Signal Controllers (DSC). These
devices contain extensive Digital Signal Processor
(DSP) functionality within a high-performance 16-bit
microcontroller (MCU) architecture.
The following block diagrams depict the architecture for
these devices:
• Figure 1-1 illustrates the dsPIC30F2011
• Figure 1-2 illustrates the dsPIC30F2012
• Figure 1-3 illustrates the dsPIC30F3012
• Figure 1-4 illustrates the dsPIC30F3013
Following the block diagrams, Table 1-1 relates the I/O
functions to pinout information.
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual“ (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More