| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012A20E/ML Arkusz danych(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20E/ML Arkusz danych(HTML) 17 Page - Microchip Technology |
|
17 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 15 dsPIC30F2011/2012/3012/3013 SCL SDA I/O I/O ST ST Synchronous serial clock input/output for I2C™. Synchronous serial data input/output for I2C. SOSCO SOSCI O I — ST/CMOS 32 kHz low-power oscillator crystal output. 32 kHz low-power oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. T1CK T2CK I I ST ST Timer1 external clock input. Timer2 external clock input. U1RX U1TX U1ARX U1ATX U2RX U2TX I O I O I O ST — ST — ST — UART1 Receive. UART1 Transmit. UART1 Alternate Receive. UART1 Alternate Transmit. UART2 Receive. UART2 Transmit. VDD P — Positive supply for logic and I/O pins. VSS P — Ground reference for logic and I/O pins. VREF+ I Analog Analog Voltage Reference (High) input. VREF- I Analog Analog Voltage Reference (Low) input. TABLE 1-1: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Type Buffer Type Description Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |