| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F883-E/ML Arkusz danych(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/ML Arkusz danych(HTML) 45 Page - Microchip Technology |
|
45 / 288 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41291D-page 43 PIC16F882/883/884/886/887 3.2.3.2 RA1/AN1/C12IN1- Figure 3-2 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a negative analog input to Comparator C1 or C2 FIGURE 3-2: BLOCK DIAGRAM OF RA1 3.2.3.3 RA2/AN2/VREF-/CVREF/C2IN+ Figure 3-3 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a negative voltage reference input for the ADC and CVREF • a comparator voltage reference output • a positive analog input to Comparator C2 FIGURE 3-3: BLOCK DIAGRAM OF RA2 I/O Pin VDD VSS D Q CK Q D Q CK Q Analog(1) Input Mode Data Bus RD PORTA WR PORTA WR TRISA RD TRISA To A/D Converter Note 1: ANSEL determines Analog Input mode. To Comparator I/O Pin VDD VSS D Q CK Q D Q CK Q Analog(1) Input Mode Data Bus RD PORTA WR PORTA WR TRISA RD TRISA To Comparator (VREF-) Note 1: ANSEL determines Analog Input mode. To Comparator (positive input) CVREF VROE To A/D Converter (VREF-) To A/D Converter (analog channel) |