| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F685-E/SS Arkusz danych(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/SS Arkusz danych(HTML) 37 Page - Microchip Technology |
|
37 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 35 PIC16F631/677/685/687/689/690 TABLE 2-4: PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3 Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Page Bank 3 180h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 44,201 181h OPTION_REG RABPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 37,201 182h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 44,201 183h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 36,201 184h FSR Indirect Data Memory Address Pointer xxxx xxxx 44,201 185h TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 59,201 186h TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 70,202 187h TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 76,202 188h — Unimplemented — — 189h — Unimplemented — — 18Ah PCLATH — — — Write Buffer for the upper 5 bits of the Program Counter ---0 0000 44,201 18Bh INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF(1) 0000 000x 38,201 18Ch EECON1 EEPGD(2) — — — WRERR WREN WR RD x--- x000 121,202 18Dh EECON2 EEPROM Control Register 2 (not a physical register) ---- ---- 119,202 18Eh — Unimplemented — — 18Fh — Unimplemented — — 190h — Unimplemented — — 191h — Unimplemented — — 192h — Unimplemented — — 193h — Unimplemented — — 194h — Unimplemented — — 195h — Unimplemented — — 196h — Unimplemented — — 197h — Unimplemented — — 198h — Unimplemented — — 199h — Unimplemented — — 19Ah — Unimplemented — — 19Bh — Unimplemented — — 19Ch — Unimplemented — — 19Dh PSTRCON(2) — — — STRSYNC STRD STRC STRB STRA ---0 0001 145,202 19Eh SRCON SR1 SR0 C1SEN C2REN PULSS PULSR — — 0000 00-- 103,202 19Fh — Unimplemented — — Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: MCLR and WDT Reset does not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the mismatch exists. 2: PIC16F685/PIC16F690 only. |