| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F258-E/PSQTP Arkusz danych(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PSQTP Arkusz danych(HTML) 78 Page - Microchip Technology |
|
78 / 402 page ![]() PIC18FXX8 DS41159E-page 76 © 2006 Microchip Technology Inc. Example 7-3 shows the sequence to do a 16 x 16 unsigned multiply. Equation 7-1 shows the algorithm that is used. The 32-bit result is stored in four registers, RES3:RES0. EQUATION 7-1: 16 x 16 UNSIGNED MULTIPLICATION ALGORITHM EXAMPLE 7-3: 16 x 16 UNSIGNED MULTIPLY ROUTINE Example 7-4 shows the sequence to do a 16 x 16 signed multiply. Equation 7-2 shows the algorithm used. The 32-bit result is stored in four registers, RES3:RES0. To account for the sign bits of the argu- ments, each argument pair’s Most Significant bit (MSb) is tested and the appropriate subtractions are done. EQUATION 7-2: 16 x 16 SIGNED MULTIPLICATION ALGORITHM EXAMPLE 7-4: 16 x 16 SIGNED MULTIPLY ROUTINE MOVF ARG1L, W MULWF ARG2L ; ARG1L * ARG2L -> ; PRODH:PRODL MOVFF PRODH, RES1 ; MOVFF PRODL, RES0 ; ; MOVF ARG1H, W MULWF ARG2H ; ARG1H * ARG2H -> ; PRODH:PRODL MOVFF PRODH, RES3 ; MOVFF PRODL, RES2 ; ; MOVF ARG1L, W MULWF ARG2H ; ARG1L * ARG2H -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1 ; Add cross MOVF PRODH, W ; products ADDWFC RES2 ; CLRF WREG ; ADDWFC RES3 ; ; MOVF ARG1H, W ; MULWF ARG2L ; ARG1H * ARG2L -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1 ; Add cross MOVF PRODH, W ; products ADDWFC RES2 ; CLRF WREG ; ADDWFC RES3 ; RES3:RES0 = ARG1H:ARG1L • ARG2H:ARG2L = (ARG1H • ARG2H • 216) + (ARG1H • ARG2L • 28) + (ARG1L • ARG2H • 28) + (ARG1L • ARG2L) MOVF ARG1L, W MULWF ARG2L ; ARG1L * ARG2L -> ; PRODH:PRODL MOVFF PRODH, RES1 ; MOVFF PRODL, RES0 ; ; MOVF ARG1H, W MULWF ARG2H ; ARG1H * ARG2H -> ; PRODH:PRODL MOVFF PRODH, RES3 ; MOVFF PRODL, RES2 ; ; MOVF ARG1L, W MULWF ARG2H ; ARG1L * ARG2H -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1 ; Add cross MOVF PRODH, W ; products ADDWFC RES2 ; CLRF WREG ; ADDWFC RES3 ; ; MOVF ARG1H, W ; MULWF ARG2L ; ARG1H * ARG2L -> ; PRODH:PRODL MOVF PRODL, W ; ADDWF RES1 ; Add cross MOVF PRODH, W ; products ADDWFC RES2 ; CLRF WREG ; ADDWFC RES3 ; ; BTFSS ARG2H, 7 ; ARG2H:ARG2L neg? BRA SIGN_ARG1 ; no, check ARG1 MOVF ARG1L, W ; SUBWF RES2 ; MOVF ARG1H, W ; SUBWFB RES3 ; SIGN_ARG1 BTFSS ARG1H, 7 ; ARG1H:ARG1L neg? BRA CONT_CODE ; no, done MOVF ARG2L, W ; SUBWF RES2 ; MOVF ARG2H, W ; SUBWFB RES3 ; CONT_CODE : RES3:RES0 = ARG1H:ARG1L • ARG2H:ARG2L = (ARG1H • ARG2H • 216) + (ARG1H • ARG2L • 28) + (ARG1L • ARG2H • 28) + (ARG1L • ARG2L)+ (-1 • ARG2H<7> • ARG1H:ARG1L • 216) + (-1 • ARG1H<7> • ARG2H:ARG2L • 216) |